Part Number Hot Search : 
74AC257 N5230A TIHLP N4745 F0515XD 74AUP2G C4928 M1001
Product Description
Full Text Search
 

To Download 2SK3675-01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 item symbol ratings unit drain-source voltage v ds 900 v dsx *5 900 continuous drain current i d 7 pulsed drain current i d(puls] 28 gate-source voltage v gs 30 repetitive or non-repetitive i ar *2 7 maximum avalanche energy e as *1 269.5 maximum drain-source dv/dt dv ds /dt *4 40 peak diode recovery dv/dt dv/dt *3 5 max. power dissipation p d ta=25 c 2.50 tc=25 c 195 operating and storage t ch +150 temperature range t stg electrical characteristics (t c =25c unless otherwise specified) thermalcharacteristics 2SK3675-01 fuji power mosfet n-channel silicon power mosfet features high speed switching low on-resistance no secondary breadown low driving power avalanche-proof applications switching regulators ups (uninterruptible power supply) dc-dc converters maximum ratings and characteristic absolute maximum ratings (tc=25c unless otherwise specified) item symbol test conditions zero gate voltage drain current i dss v ds =900v v gs =0v v ds =720v v gs =0v v gs =30v i d =3.5a i d =3.5a v ds =25v v cc =600v i d =3.5a v gs =10v r gs =10 ? min. typ. max. units v v a na ? s pf nc a v s c ns min. typ. max. units thermal resistance r th(ch-c) channel to case r th(ch-a) channel to ambient 0.640 50.0 c/w c/w symbol v (br)dss v gs(th) i gss r ds(on) g fs c iss c oss c rss td (on) t r td (off) t f q g q gs q gd i av v sd t rr q rr item drain-source breakdown voltaget gate threshold voltage gate-source leakage current drain-source on-state resistance forward transcondutance input capacitance output capacitance reverse transfer capacitance turn-on time t on turn-off time t off total gate charge gate-source charge gate-drain charge avalanche capability diode forward on-voltage reverse recovery time reverse recovery charge test conditions i d =250 a v gs =0v i d = 250 a v ds =v gs t ch =25c t ch =125c v ds =0v v ds =25v v gs =0v f=1mhz v cc =450v i d =7a v gs =10v l=10.1mh t ch =25c i f =7a v gs =0v t ch =25c i f =7a v gs =0v -di/dt=100a/s t ch =25c v v a a v a mj kv/s kv/s w c c 900 3.0 5.0 25 250 100 1.54 2.00 4.1 8.2 920 1380 115 175 6.6 10 22 33 8.0 12 45 67.5 10.5 16 25 37.5 46 8.5 13 7 0.90 1.50 2.6 8.0 -55 to +150 outline drawings [mm] *3 i f =-i d , -di/dt=50a/s, vcc=bv dss , tch=150c < << equivalent circuit schematic gate(g) source(s) drain(d) super f ap-g series v gs =10v 200401 *4 v ds 900v *5 v gs =-30v = < *1 l=10.1mh, vcc=90v,tch=25c, see to avalanche energy graph *2 tch=150c < 11.60.2
2 characteristics 2SK3675-01 fuji power mosfet 0 5 10 15 20 0 2 4 6 8 10 20v 7.0v 10v 8.0v 6.5v 6.0v id [a] vds [v] typical output characteristics id=f(vds):80 s pulse test,tch=25 c vgs=5.5v 012345678910 0.1 1 10 id[a] vgs[v] typical transfer characteristic id=f(vgs):80 s pulse test,vds=25v,tch=25 c 0.1 1 10 1 10 100 gfs [s] id [a] typical transconductance gfs=f(id):80 s pulse test,vds=25v,tch=25 c 0246810 1.4 1.5 1.6 1.7 1.8 1.9 2.0 2.1 7.0v 6.5v rds(on) [ ? ] id [a] typical drain-source on-state resistance rds(on)=f(id):80 s pulse test,tch=25 c 10v 20v 8.0v 6.0v vgs=5.5v -50 -25 0 25 50 75 100 125 150 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 rds(on) [ ? ] tch [ c] typ. max. drain-source on-state resistance rds(on)=f(tch):id=3.5a,vgs=10v 0 25 50 75 100 125 150 0 50 100 150 200 250 allowable power dissipation pd=f(tc) pd [w] tc [ c]
3 2SK3675-01 fuji power mosfet -50 -25 0 25 50 75 100 125 150 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 6.5 7.0 max. min. gate threshold voltage vs. tch vgs(th)=f(tch):vds=vgs,id=250 a vgs(th) [v] tch [ c] 0 5 10 15 20 25 30 35 0 2 4 6 8 10 12 qg [nc] typical gate charge characteristics vgs=f(qg):id=7a,tch=25 c vgs [v] 720v 450v vcc= 180v 10 0 10 1 10 2 10 -3 10 -2 10 -1 10 0 10 1 c [nf] vds [v] typical capacitance c=f(vds):vgs=0v,f=1mhz crss coss ciss 0.00 0.25 0.50 0.75 1.00 1.25 1.50 0.1 1 10 if [a] vsd [v] typical forward characteristics of reverse diode if=f(vsd):80 s pulse test,tch=25 c 10 -1 10 0 10 1 10 0 10 1 10 2 10 3 typical switching characteristics vs. id t=f(id):vcc=600v,vgs=10v,rg=10 ? td(on) tr tf td(off) t [ns] id [a] 0 25 50 75 100 125 150 0 200 400 600 800 i as =3a i as =7a i as =4a e as [mj] starting tch [ c] maximum avalanche energy vs. starting tch e(as)=f(starting tch):vcc=90v
4 2SK3675-01 fuji power mosfet http://www.fujielectric.co.jp/denshi/scd/ 10 -8 10 -7 10 -6 10 -5 10 -4 10 -3 10 -2 10 -2 10 -1 10 0 10 1 10 2 single pulse maximum avalanche current pulsewidth i av =f(t av ):starting tch=25 c,vcc=90v avalanche current i av [a] t av [sec] 10 -6 10 -5 10 -4 10 -3 10 -2 10 -1 10 0 10 -3 10 -2 10 -1 10 0 10 1 maximum transient thermal impedance zth(ch-c)=f(t):d=0 zth(ch-c) [ c/w] t [sec]


▲Up To Search▲   

 
Price & Availability of 2SK3675-01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X